Part Number Hot Search : 
C3216X5R T85HF140 UPA610TA 74AUP2G 1207A 01610 MMBTA94 1052N5
Product Description
Full Text Search
 

To Download BD6660FV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Motor driver ICs
3-phase motor driver for CD-ROMs
BD6660FV
The BD6660FV is low power consumption CD-ROM spindle driver that uses MOS transistor in the output. To meet the requirements for notebook computers, the thin power package SSOP-B28 is used and a PWM drive with a MOS processor output stage achieves an extremely low power consumption. FApplications Portable CD-ROMs, DVDs FFeatures 1) Direct PWM drive. 2) Built-in power save circuit. 3) Built-in current limiter circuit. 4) Built-in FG output. 5) Built-in Hall biasing. FAbsolute maximum ratings (Ta = 25_C)
6) 7) 8) 9) 10)
Built-in reverse-rotation prevention circuit. Built-in short brake. Low power consumption with the output MOSFET. Built-in brake mode switching circuit. Built-in rotation detection pin.
FRecommended operating conditions (Ta = 25_C)
769
Motor driver ICs
FBlock diagram
BD6660FV
770
Motor driver ICs
FPin descriptions
BD6660FV
FInput and output circuits (1) Power save
771
Motor driver ICs
(2) Torque amplifier
BD6660FV
(3)
MODE1
(4)
MODE2
(5)
Output pin
772
Motor driver ICs
(6) Hall bias pin
BD6660FV
(7)
FG output / CP1 output / FR output
(8)
CP2 / VPUMP output
773
Motor driver ICs
FElectrical characteristics (unless otherwise noted, Ta = 25_C, VCC = 5V, VM = 5V)
BD6660FV
774
Motor driver ICs
BD6660FV
775
Motor driver ICs
FApplication example
BD6660FV
776
Motor driver ICs
FOperation notes (1) Brake mode (MODE1) logic The brake mode is switched by MODE1 pin and the operation is shown in Table-1 below.
BD6660FV
(3) PWM operation By the voltage potential difference between EC and ECR, the ON duty when switching the low level output transistor changes as shown in Fig. 11 below. (ECR = 1.65V)
(2) MODE2 logic The FG output is switched by MODE2 pin and the operation is shown in Table-2 below.
(4) Current limiter operation When the RNF voltage becomes 0.2V (Typ.), the current limiter circuit activates and limits the PWM ON duty. At this time the output current Iomax is limited to: Iomax approx. 0.2 / RNF
777
Motor driver ICs
(5) OSC oscillator circuit By connecting a capacitor to the OSC pin, the charging and discharging of the capacitor generates a triangular wave as that shown in Fig. 12. (C = 470pF and f = 100kHz (Typ.))
BD6660FV
(6) Charge pump The boost voltage (VPUMP) is VM ) VCC. Therefore, to prevent (VM ) VCC) from increasing much over ratings, set the VM and VCC voltages.
778
Motor driver ICs
(7) Timing chart
BD6660FV
779
Motor driver ICs
FExternal dimensions (Units: mm)
BD6660FV
780


▲Up To Search▲   

 
Price & Availability of BD6660FV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X